công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSL25213M bảng dữ liệu(PDF) 53 Page - OSRAM GmbH

tên linh kiện TSL25213M
Giải thích chi tiết về linh kiện  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213M bảng dữ liệu(HTML) 53 Page - OSRAM GmbH

Back Button TSL25213M Datasheet HTML 49Page - OSRAM GmbH TSL25213M Datasheet HTML 50Page - OSRAM GmbH TSL25213M Datasheet HTML 51Page - OSRAM GmbH TSL25213M Datasheet HTML 52Page - OSRAM GmbH TSL25213M Datasheet HTML 53Page - OSRAM GmbH TSL25213M Datasheet HTML 54Page - OSRAM GmbH TSL25213M Datasheet HTML 55Page - OSRAM GmbH TSL25213M Datasheet HTML 56Page - OSRAM GmbH TSL25213M Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
Page 52
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Register O ver view
MEAS_SEQR_STEP1_MOD_PHDX_SMUX_L Register
Figure 67:
MEAS_SEQR_STEP1_MOD_PHDX_SMUX_L
Note(s):
1. Return to the Register Map (0xDE).
Addr: 0xDE
MEAS_SEQR_STEP1_MOD_PHDX_SMUX_L
Bit
Field
Reset
Type
Bit Description
7:6
MEASUREMENT_
SEQUENCER_STEP1_
MOD_PHD3_SMUX
10b
R/W
Defines connection of photodiode 3 to modulator
for sequencer step 1
00: No connection
01: Modulator 0
10: Modulator 1
5:4
MEASUREMENT_
SEQUENCER_STEP1_
MOD_PHD2_SMUX
00b
R/W
Defines connection of photodiode 2 to modulator
for sequencer step 1
00: No connection
01: Modulator 0
10: Modulator 1
3:2
MEASUREMENT_
SEQUENCER_STEP1_
MOD_PHD1_SMUX
01b
R/W
Defines connection of photodiode 1 to modulator
for sequencer step 1
00: No connection
01: Modulator 0
10: Modulator 1
1:0
MEASUREMENT_
SEQUENCER_STEP1_
MOD_PHD0_SMUX
00b
R/W
Defines connection of photodiode 0 to modulator
for sequencer step 1
00: No connection
01: Modulator 0
10: Modulator 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81