công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSL2521 bảng dữ liệu(PDF) 69 Page - OSRAM GmbH

tên linh kiện TSL2521
Giải thích chi tiết về linh kiện  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2521 bảng dữ liệu(HTML) 69 Page - OSRAM GmbH

Back Button TSL2521 Datasheet HTML 65Page - OSRAM GmbH TSL2521 Datasheet HTML 66Page - OSRAM GmbH TSL2521 Datasheet HTML 67Page - OSRAM GmbH TSL2521 Datasheet HTML 68Page - OSRAM GmbH TSL2521 Datasheet HTML 69Page - OSRAM GmbH TSL2521 Datasheet HTML 70Page - OSRAM GmbH TSL2521 Datasheet HTML 71Page - OSRAM GmbH TSL2521 Datasheet HTML 72Page - OSRAM GmbH TSL2521 Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
Page 68
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Pack age Drawings & Mark ings
Figure 88:
TSL2521 Module Dimensions
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerances are ±0.05mm unless otherwise noted.
2. The die is centered within the package within a tolerance of ±75 micrometers.
3. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish (ENEPIG).
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81