| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMF8701-1XM bảng dữ liệu(PDF) 14 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8701-1XM bảng dữ liệu(HTML) 14 Page - OSRAM GmbH |
|
14 / 66 page ![]() Datasheet, Public Page 13 [v2-00] 2023-Feb-21 Document Feedback TMF8701 − Detailed Description Timing Ranging Acquisition Timing Figure 14: Ranging Acquisition Timing Figure 15: Ranging Timing Diagram Min Typ Max Units Comment Ranging time proximity and distance mode combined 16.6 ms Varies with operational mode Ranging init (including electrical calibration) 8ms Only done on startup and if temperature changed from last calibration Ranging period 209 ms Programmable by the interface |