| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD3725 bảng dữ liệu(PDF) 30 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD3725 bảng dữ liệu(HTML) 30 Page - OSRAM GmbH |
|
30 / 56 page ![]() Datasheet, Public Page 29 [v2-00] 2023-Mar-21 Document Feedback TMD3725 − Register Description CFG1 Register (Address 0x90) Figure 34: CFG1 Register REVID Register (Address 0x91) Figure 35: REVID Register Addr: 0x90 CFG1 Bit Bit Name Default Access Bit Description 7:4 Reserved 0000 RW Reserved 3 IR_TO_GREEN 0 RW If set high, the IR (Proximity) photodiode is switched into the Green channel’s data converter. GDATAL/H register will report IR content. Green photodiode is not connected. 2 Reserved 0 RW Reserved 1:0 AGAIN 00 RW This field sets the gain of the ALS/Color sensor. Value LED Current 01x 14x 216x 364x Addr: 0x91 REVID Bit Bit Name Default Access Bit Description 7:3 Reserved 00000 RO Reserved 2:0 REV_ID Rev RO Device revision number |