| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD37024VCM bảng dữ liệu(PDF) 42 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD37024VCM bảng dữ liệu(HTML) 42 Page - OSRAM GmbH |
|
42 / 57 page ![]() Datasheet, Public Page 41 [v2-00] 2023-Mar-14 Document Feedback TMD3702VC − Application Information Figure 66: Schematic Note(s): 1. The bulk capacitor (C3) can affect the stability of a regulated supply output and should be chosen with the regulator characteristics in mind. 2. Place the 4.7μF VDD (C1) and 10μF LEDA (C2) capacitors within 5mm of the module. 3. The value of the I²C pull up resistors RPU should be based on the 1.8V bus voltage, system bus speed and trace capacitance. 4. VSS and PGND should be connected to the same solid ground plane as close to the device as possible. 5. To improve device ESD protection, it is recommended to connect NC to ground. Application Information |