| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD2772 bảng dữ liệu(PDF) 36 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2772 bảng dữ liệu(HTML) 36 Page - OSRAM GmbH |
|
36 / 60 page ![]() ams Datasheet Page 35 [v1-21] 2016-Feb-16 Document Feedback TMD2772/ TMD2772WA − Register Description Interrupt Register (0x0C) The Interrupt Register controls the filtering interrupt capabilities of the device. Configurable filtering is provided to allow interrupts to be generated after each ADC integration cycle or if the ADC integration has produced a result that is outside of the values specified by threshold register for some specified amount of time. Separate filtering is provided for proximity and ALS functions. ALS interrupts are generated by looking only at the C0DATA ADC integration results. Figure 39: Interrupt Register 76 5 4 3 2 1 0 PPERS APERS Field Bits Description (Reset value = 0x00) PPERS 7:4 Proximity interrupt persistence filter. Controls rate of proximity interrupt to the host processor. Field Value Meaning Interrupt Persistence 0000 Every Every proximity cycle generates an interrupt 0001 1 1 proximity value outside of threshold range 0010 2 2 consecutive proximity values out of range …… … 1111 15 15 consecutive proximity values out of range |