| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD2712 bảng dữ liệu(PDF) 36 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2712 bảng dữ liệu(HTML) 36 Page - OSRAM GmbH |
|
36 / 54 page ![]() Datasheet, Public Page 35 [v4-00] 2023-Jan-02 Document Feedback TMD2712 − Register Description CALIB_OFFSET Register (Address 0xD8) Figure 53: CALIB_OFFSET Register For applications with high optical proximity crosstalk (the emitted IR optical signal appears at the IR sensor), the offset range can be extended in discrete steps. To determine the best range extension step for the application, a proximity calibration cycle is initiated and the resulting proximity offset is captured in the POFFSETL/H registers. Addr: 0xD8 CALIB_OFFSET Bit Bit Name Default Access Bit Description 7:6 Reserved 0 RW Reserved. Must be set to default value. 5 EN_RANGE_ EXTENSION 0RW Setting this bit to a 1 enables the proximity offset range extension functionality. See the OFFSET_RANGE_ EXTENSION bits. If this bit is set to 0, the offset range extension is disabled. 4:0 OFFSET_ RANGE_ EXTENSION 0 (00000) RW Offset range extension selection. Value Selection 0 (00000) Nominal 1 (00001) Nominal + 1 Step 2 (00010) Nominal + 2 Steps 3 (00011) Nominal + 3 Steps Nominal + (Value) Steps 31 (11111) Nominal + 31 Steps |