| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD2672 bảng dữ liệu(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2672 bảng dữ liệu(HTML) 6 Page - OSRAM GmbH |
|
6 / 44 page ![]() ams Datasheet Page 5 [v1-00] 2015-Mar-23 Document Feedback TMD2672 − Pin Assignments The TMD2672 pin assignments are described below: Figure 3: Pin Diagram (Top View) Figure 4: Terminal Functions Package Module-8: Package drawing is not to scale Terminal Type Description Name No. VDD 1Supply voltage SCL 2 I I²C serial clock input terminal - clock signal for I²C serial data GND 3 Power supply ground. All voltages are referenced to GND. LEDA 4 LED anode LEDK 5 LED cathode. Connect to LDR pin when using internal LED driver circuit. LDR 6 O LED driver input for proximity IR LED, constant current source LED driver INT 7 O Interrupt - open drain (active low) SDA 8 I/O I²C serial data I/O terminal - serial data I/O for I²C Pin Assignments VDD 1 SCL 2 GND 3 LEDA 4 8 SDA 7 INT 6 LDR 5 LEDK |