công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMD26203 bảng dữ liệu(PDF) 10 Page - OSRAM GmbH

tên linh kiện TMD26203
Giải thích chi tiết về linh kiện  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26203 bảng dữ liệu(HTML) 10 Page - OSRAM GmbH

Back Button TMD26203 Datasheet HTML 6Page - OSRAM GmbH TMD26203 Datasheet HTML 7Page - OSRAM GmbH TMD26203 Datasheet HTML 8Page - OSRAM GmbH TMD26203 Datasheet HTML 9Page - OSRAM GmbH TMD26203 Datasheet HTML 10Page - OSRAM GmbH TMD26203 Datasheet HTML 11Page - OSRAM GmbH TMD26203 Datasheet HTML 12Page - OSRAM GmbH TMD26203 Datasheet HTML 13Page - OSRAM GmbH TMD26203 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Datasheet, Public
Page 9
[v2-00] 2023-Feb-23
Document Feedback
TMD2620 − Register Description
ENABLE Register (0x80)
Figure 12:
ENABLE Register
The Mode/Parameter fields should be written before pen is
asserted. The function pen require pon to be asserted for the
respective function to operate correctly.
PRATE Register (0x82)
Figure 13:
PRATE Register
Addr: 0x80
ENABLE
Field
Name
Reset
Type
Description
7:4
Reserved
0
RW
Reserved
3wen
0
RW
Wait Enable. This bit activates the wait feature. Writing a one
actives the wait timer. Writing a zero disables the wait timer.
2pen
0
RW
Proximity Detect Enable. This field activates the proximity
detection.
1
Reserved
0
RW
Reserved
0pon
0
RW
Power On. This field activates the internal oscillator to permit the
timers and ADC channels to operate. Writing a one activates the
oscillator. Writing a zero disables the oscillator.
Addr: 0x82
PRATE
Field
Name
Reset
Type
Description
7:0
prate
0x1F
RW
When averaging is turned on, this register defines the time
between proximity measurements.
The time will be 88μs times this register's value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34