| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2000 bảng dữ liệu(PDF) 16 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2000 bảng dữ liệu(HTML) 16 Page - Christian Bürkert GmbH & Co. KG |
|
16 / 20 page ![]() Type 8840 16 | 20 Visit product website 7. Networking and combination with other Bürkert products 7.1. Modular platform for process control and regulation Combination options based on Type 8840 Note: Individual customer solutions available on request Type 8840 enables Bürkert to provide quickly and efficiently all common valve assemblies for distributing and collecting functions already in the pre-configured state (for other possible variations, see “4. Dimensions” on page 9). Furthermore, individual customer solutions are available on request. Thanks to the modular platform for process control and regulation, various application-specific requirements can be met. The modular platform for process control and regulations also enables every combination option when selecting the actuator, control and measuring principle and the fluid functions: Actuator variations: Electromotive, pneumatic, manual Control, regulation principle: On/Off, continuous Sensor variations: Temperature, pressure, flow rate Irrespective of whether the system is to be actuated by an electric motor, pneumatically or manually, Bürkert offers the ideal actuator and control/regulation principle for every requirement. Moreover, the ideal measuring principle can be selected from the extensive sensor range for measuring temperature, pressure and flow rate. They guarantee reliable measurement values and can be easily integrated into the system. Besides the standard distributing and collecting functions, specified fluid combinations can be achieved. Example 1 Actuator variations System Electromotive Pneumatic ELEMENT Pneumatic CLASSIC Manual + Housing variants + Sensor variants Flow (ultrasound) Flow (paddle wheel) Mass flow (air) Pressure Temperature Process control |