| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2000 bảng dữ liệu(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2000 bảng dữ liệu(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 14 page ![]() Visit product website DATA SHEET Type 2101 Pneumatically operated 2/2-way globe valve ELEMENT for decentralised automation Type 2000 Pneumatically operated 2/2-way angle seat valve CLASSIC Type 2921 Manually operated 2/2-way globe valve Type 2961 Manually operated 2-way globe control valve Type 8801 ELEMENT on/off valve systems with decentralised automation – overview Type 8840 Modular process valve cluster – distribution and collecting Standard | EU | en | 2024 - 01 - 15 | 00 Manually operated 2/2-way angle seat valve • High flow rates • Long service life • Robust actuator with optional stroke limitation and locking • Flow-optimised stainless steel valve body with socket, clamp or welded connection The Type 2920 angle seat valve consists of a manual actuator and a 2-way body made of high-quality stainless steel. With a flow-optimised valve body, the manually operated valve offers diverse usage options to shut off both neutral and aggressive gaseous and liquid media. The tried-and-tested self-adjusting spindle seal guarantees optimal tightness and therefore enables low-maintenance operation, even at high switching cycles. Depending on the application, the soft PTFE or PEEK seal ensures a reliable valve seat seal, even under challenging operating conditions. The actuator is made of high-quality plastic and is suitable for use in demanding environments. It possesses a visual position indicator and can be optionally equipped with stroke limitation and locking. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 2920 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Số phần tương tự - 2000 |
|
Mô tả tương tự - 2000 |