| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3003 bảng dữ liệu(PDF) 2 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
3003 bảng dữ liệu(HTML) 2 Page - Christian Bürkert GmbH & Co. KG |
|
2 / 12 page ![]() Type 2651 Flange 2 | 12 Visit product website Table of contents 1. General Technical Data 3 2. Materials 3 2.1. Chemical Resistance Chart – Bürkert resistApp....................................................................................................................3 2.2. Material specifications ...........................................................................................................................................................4 DN 15…DN 100 .....................................................................................................................................................................4 DN 125…DN 200 ...................................................................................................................................................................5 3. Dimensions 6 3.1. DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 27 - F4 (DN 15…100) | F5 (DN 125…200) .................................................6 3.2. DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 1 - F1 .........................................................................................................7 3.3. ANSI/ASME B16.5 Class 150 ................................................................................................................................................8 3.4. ANSI/ASME B16.5 Class 300 ................................................................................................................................................9 4. Performance specifications 10 4.1. Pressure temperature diagram .............................................................................................................................................10 4.2. Torques ................................................................................................................................................................................10 4.3. Nominal flow ........................................................................................................................................................................10 5. Ordering information 10 5.1. Bürkert eShop – Easy ordering and quick delivery ..............................................................................................................10 5.2. Bürkert product filter ............................................................................................................................................................11 5.3. Ordering chart DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 27 - F4 (DN 15…100) | F5 (DN 125…200) .......................11 5.4. Ordering chart DIN Flange acc. EN 1091 - 1 & EN 558 - 1 series 1 - F1 ...............................................................................11 5.5. Ordering chart ANSI/ASME B16.5 Class 150 ......................................................................................................................11 5.6. Ordering chart ANSI/ASME B16.5 Class 300 ......................................................................................................................11 |