công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCS37073 bảng dữ liệu(PDF) 60 Page - OSRAM GmbH

tên linh kiện TCS37073
Giải thích chi tiết về linh kiện  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37073 bảng dữ liệu(HTML) 60 Page - OSRAM GmbH

Back Button TCS37073 Datasheet HTML 56Page - OSRAM GmbH TCS37073 Datasheet HTML 57Page - OSRAM GmbH TCS37073 Datasheet HTML 58Page - OSRAM GmbH TCS37073 Datasheet HTML 59Page - OSRAM GmbH TCS37073 Datasheet HTML 60Page - OSRAM GmbH TCS37073 Datasheet HTML 61Page - OSRAM GmbH TCS37073 Datasheet HTML 62Page - OSRAM GmbH TCS37073 Datasheet HTML 63Page - OSRAM GmbH TCS37073 Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
ams Datasheet, Confidential
Page 59
[v1-05] 2019-May-13
Document Feedback
TCS3707 − Tape & Reel Information
Figure 72:
Tape and Reel Mechanical Drawing
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
4. Each reel is generally 330 millimeters in diameter and contains 10000 parts. Please reconfirm for actual orders.
5. ams packaging tape and reel conform to the requirements of EIA Standard 481−B.
6. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Tape & Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70