công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCS3430 bảng dữ liệu(PDF) 16 Page - OSRAM GmbH

tên linh kiện TCS3430
Giải thích chi tiết về linh kiện  Color and ALS Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3430 bảng dữ liệu(HTML) 16 Page - OSRAM GmbH

Back Button TCS3430 Datasheet HTML 12Page - OSRAM GmbH TCS3430 Datasheet HTML 13Page - OSRAM GmbH TCS3430 Datasheet HTML 14Page - OSRAM GmbH TCS3430 Datasheet HTML 15Page - OSRAM GmbH TCS3430 Datasheet HTML 16Page - OSRAM GmbH TCS3430 Datasheet HTML 17Page - OSRAM GmbH TCS3430 Datasheet HTML 18Page - OSRAM GmbH TCS3430 Datasheet HTML 19Page - OSRAM GmbH TCS3430 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Datasheet, Public
Page 15
[v3-00] 2023-Jan-18
Document Feedback
TCS3430 − Register Description
AIHTL Register (0x86)
Figure 19:
AIHTL Register
This register provides the low byte of the high interrupt
threshold.
AIHTH Register (0x87)
Figure 20:
AIHTH Register
This register provides the low byte of the high interrupt
threshold.
The contents of the AIHTH and AIHTL registers are combined
and treated as a sixteen bit threshold. If the value generated by
Channel 0 is above the high threshold specified and the APERS
value is reached, the aint bit is asserted which will assert the
INT pin if aien is set.
0x86: AIHTL
Field
Name
Reset
Type
Description
7:0
AIHTL
0
RW
Low Byte of the High Threshold.
0x87: AIHTH
Field
Name
Reset
Type
Description
7:0
AIHTH
0
RW
High Byte of the High Threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38