| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7421 bảng dữ liệu(PDF) 44 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7421 bảng dữ liệu(HTML) 44 Page - OSRAM GmbH |
|
44 / 53 page ![]() Document Feedback AS7421 Register Description Datasheet • PUBLIC DS000667 • v2-00 • 2022-Oct-13 52 │ 43 Figure 54: TEMP1_H Register Addr: 0x7B TEMP1_H Bit Bit Name Default Access Bit Description 15:8 TEMP1 0 RO High byte of temperature integration cycle B. Figure 55: TEMP2_L Register Addr: 0x7C TEMP2_L Bit Bit Name Default Access Bit Description 7:0 TEMP2 0 RO Low byte of temperature integration cycle C. Figure 56: TEMP2_H Register Addr: 0x7D TEMP2_H Bit Bit Name Default Access Bit Description 15:8 TEMP2 0 RO High byte of temperature integration cycle C. Figure 57: TEMP3_L Register Addr: 0x7E TEMP3_L Bit Bit Name Default Access Bit Description 7:0 TEMP3 0 RO Low byte of temperature integration cycle D. Figure 58: TEMP3_H Register Addr: 0x7F TEMP3_H Bit Bit Name Default Access Bit Description 15:8 TEMP3 0 RO High byte of temperature integration cycle D. |