| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7261N bảng dữ liệu(PDF) 9 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7261N bảng dữ liệu(HTML) 9 Page - OSRAM GmbH |
|
9 / 43 page ![]() Page 8 ams Datasheet Document Feedback [v1-02] 2017-Feb-27 AS7261N − Timing Characteristics Figure 7: AS7261N I²C Slave Timing Characteristics Figure 8: I²C Slave Timing Diagram Symbol Parameter Conditions Min Typ Max Unit I²C Interface fSCLK SCL Clock Frequency 0 400 kHz tBUF Bus Free Time Between a STOP and START 1.3 μs tHS:STA Hold Time (Repeated) START 0.6 μs tLOW LOW Period of SCL Clock 1.3 μs tHIGH HIGH Period of SCL Clock 0.6 μs tSU:STA Setup Time for a Repeated START 0.6 μs tHS:DAT Data Hold Time 0 0.9 μs tSU:DAT Data Setup Time 100 ns tR Rise Time of Both SDA and SCL 20 300 ns tF Fall Time of Both SDA and SCL 20 300 ns tSU:STO Setup Time for STOP Condition 0.6 μs CB Capacitive Load for Each Bus Line CB — total capacitance of one bus line in pF 400 pF CI/O I/O Capacitance (SDA, SCL) 10 pF Timing Characteristics SCL SDA tSU:STA tLOW tHIGH tF tR tHD:STA tSU:STO tSU:DAT tHD:DAT tBUF VIH VIL PS SP Stop Start |