| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2AM bảng dữ liệu(PDF) 2 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
2AM bảng dữ liệu(HTML) 2 Page - Sensata Technologies, Inc. |
|
2 / 6 page ![]() www.sensata.com Page 2 Copyright © 2017 Sensata Technologies Inc. · Split-Phase Motors · Ballast Protection · Transformers · Automotive Motors · Solenoids Typical Applications · Compact, Easy to Install · Individually temperature calibrated and checked · Positive make-and-break with Klixon® snapaction disc · Gasketed steel case suitable for many impregnation processes · Current and temperature sensitivity for maximum design flexibility · Specially designed terminals for easy addition of wireleads. Reasons to use the 8AM Protector in your Product Designed specifically for motors with a fast rate of temperature rise (25-35°C/sec), the 8AM provides economical protection for a full range of motors and transformers ranging from washing machines to vacuum cleaners; computer disk drives to high capacity automotive motors. This unique design is capable of providing all mode protection: · Locked Rotor · Running Overload · Low Voltage · Run Both Winding 8AM SPECIFICATIONS Introduction Dimensions in mm (Inches) DIMENSIONS AND DIAGRAMS |