| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2103 bảng dữ liệu(PDF) 13 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2103 bảng dữ liệu(HTML) 13 Page - Christian Bürkert GmbH & Co. KG |
|
13 / 15 page ![]() Type 8694 13 | 15 Visit product website 7. Product installation 7.1. Combination options with pneumatic process valves Note: A TopControl control valve system consists of a BASIC Positioner Type 8694 and an ELEMENT control valve Type 23xx resp. Type 2103. The following information is required to select a complete system: • Article no. of the desired TopControl BASIC positioner, see data sheet Type 8694 • Article no. of the desired control valve Type 23xx / 2103, see data sheet Type 2300 , Type 2301 and Type 2103 You order two components and receive a completely assembled and tested valve. Example of variations of the control valve system Positioner BASIC Pneumatic process control valves Type 8694 Type 2301 Globe valve Type 2300 Angle seat valve Type 2103 Diaphragm valve Hygienic process valve (third-party) Control valve system Type 8802-GD-L Control valve system ELEMENT 2301 + 8694 Type 8802-YG-L Control valve system ELEMENT 2300 + 8694 Type 8802-DF-L Control valve system ELEMENT 2103 + 8694 Mounting on third-party actuators 1.) 1.) See data sheet Adaptations for third-party actuators Type KK01 or contact the appropriate Bürkert sales office. |