| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS410T-ST bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS410T-ST bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 36 page ![]() HCS410 DS40158E-page 14 Preliminary 2001 Microchip Technology Inc. FIGURE 2-17: DECODER IFF COMMANDS AND WAVEFORMS ACK pulses Opcode Transport Code 32 bits Writing TBITC TE Data 16 bits TOTD TTTD TWR Only when writing Serial Number, Config or IFF programming Serial number 1 to 32 bits Encoder Select ACK ACK pulses Challenge 16/32 bits Response 16/32 bits ACK pulses Opcode TOTD Response Start TRT 16 bits 01 Ack pulses Read Write/Program Challenge Encoder Select 2 TE Repeat 18 times for programming 3TE 3TE TE TWR TWR Preamble 01 Preamble TABLE 2-3: IFF TIMING PARAMETERS Parameter Symbol Minimum Typical Maximum Units Time Element IFFB = 0 IFFB = 1 TE — — 200 100 — — µs PPM Command Bit Time Data = 1 Data = 0 TBITC 3.5 5.5 4 6 — — TE PPM Response Bit Time Data = 1 Data = 0 TBITR — — 2 3 — — TE PPM Command Minimum High Time TPMH 1.5 —— TE Response Time (Minimum for Read) TRT 6.5 —— ms Opcode to Data Input Time TOTD 1.8 —— ms Transport Code to Data Input Time TTTD 6.8 —— ms IFF EEPROM Write Time (16 bits) TWR —— 30 ms |