công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8232 bảng dữ liệu(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

tên linh kiện 8232
Giải thích chi tiết về linh kiện  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURKERT [Christian Bürkert GmbH & Co. KG]
Trang chủ  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 bảng dữ liệu(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Type 8232
14 | 17
Visit product website 
5.
Product installation
5.1. Installation notes
Measuring chamber Description
The requirements for maintaining and monitoring a constant flow rate of the analysed water, necessitate the
use of an appropriate measuring chamber. Thus the sensor Type 8232 has to be installed in the analytical
measuring chamber Type 8200. Otherwise the liability for a proper function of the sensor will be declined.
See data sheet Type 8200  for more information.
This analytical measurement chamber has to be installed so that the inserted chlorine sensor is in an upright
position, and so that the incoming flow rate comes from the bottom up to the membrane.
Gas bubbles at the membrane leads to incorrect measuring signals.
For continuous flow monitoring, an inductive flow switch is available optionally, to be mounted in the analyti-
cal measurement chamber Type 8200.
Do not install the sensor in the main pipe. Measure only in bypass with use of the analytical measur-
ing chamber Type 8200.
6.
Product operation
6.1. Measuring principle
Depending on the variant, the 8232 Sensor measures either the free chlorine or the total chlorine content. Total chlorine is the sum
of free chlorine (disinfectant chlorine) and bound chlorine (Concentration of chlorine combined with organic and inorganic nitrogen
compounds present in the water).
The chlorine sensor is a two or three-electrode measuring system (depends on variant) covered with a membrane. The membrane
cap filled with a special electrolyte, protects the working and reference electrodes from direct contact with the measuring water. With
this measuring method, ionic substances in the water are held back by the membrane, whereas the substance to be determined
(disinfectant or chlorine) can pass through the membrane without restriction. The diffusion of the substance through the membrane
ensures that the concentrations on both sides of the membrane are equal and causes an electrical signal on the working electrode.
The 2-electrode measuring system consists of a working electrode and a reference electrode, between which a certain voltage (po-
larization voltage) is applied. The 3-electrode measuring system consists of a working electrode, a reference electrode and a counter
electrode. The measuring signal at the working electrode is proportional to the concentration of the disinfectant or to the chlorine
concentration and is amplified by the electronics of the sensor. The measuring signal is independent from the temperature of the
measuring water due to an integrated temperature compensation.
The calibration must be done on a transmitter/controller with a reference value. The transmitter Type 8619 multiCELL is suited and
recommended, but any other suited transmitter can be also used.
See data sheet Type 8619  for more information.
7.
Product design and assembly
7.1. Product features
Note:
The following table gives an overview of the features for sensor selection.
Feature details
Free chlorine sensor
Total chlorine sensor
“Trace” (zero-chlorine) with 3 electrodes
with 2 electrodes
with 3  electrodes
Works in water without chlorine
for up to 4 weeks
Yes
No
No
No
Galvanically isolated
Yes
No
No
No
Greatly reduced pH dependency
Yes1.)
Yes
No
Yes
Surfactants are partially tolerated Yes
Yes
No
Yes
Temperature compensation
Yes
Yes
Yes
Yes
Zero-Point stability
Yes
Yes
Yes
Yes
Membrane covered
Yes
Yes
Yes
Yes
Two-wire device
No
Yes
Yes
Yes
1.) Chlorine sensor “Trace” has a higher pH dependency compared to the chlorine sensor with 3 electrodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com