| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDTA124EU bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTA124EU bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() 1999 Apr 13 2 Philips Semiconductors Product specification PNP resistor-equipped transistor PDTA124EU FEATURES • Built-in bias resistors R1 and R2 (typ. 22 k Ω each) • Simplification of circuit design • Reduces number of components and board space. APPLICATIONS • Especially suitable for space reduction in interface and driver circuits • Inverter circuit configurations without use of external resistors. DESCRIPTION PNP resistor-equipped transistor in a SOT323 plastic package. NPN complement: PDTC124EU. PINNING PIN DESCRIPTION 1 base/input 2 emitter/ground (+) 3 collector/output Fig.1 Simplified outline (SOT323) and symbol. handbook, 4 columns MAM135 R1 R2 3 2 1 3 2 1 Top view Fig.2 Equivalent inverter symbol. MGA893 - 1 1 3 2 MARKING Note 1. ∗ = - : Made in Hong Kong. ∗ = t : Made in Malaysia. TYPE NUMBER MARKING CODE(1) PDTA124EU ∗05 |