công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP112DX bảng dữ liệu(PDF) 26 Page - Texas Instruments

tên linh kiện TMP112DX
Giải thích chi tiết về linh kiện  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 22Page - Texas Instruments TMP112DX Datasheet HTML 23Page - Texas Instruments TMP112DX Datasheet HTML 24Page - Texas Instruments TMP112DX Datasheet HTML 25Page - Texas Instruments TMP112DX Datasheet HTML 26Page - Texas Instruments TMP112DX Datasheet HTML 27Page - Texas Instruments TMP112DX Datasheet HTML 28Page - Texas Instruments TMP112DX Datasheet HTML 29Page - Texas Instruments TMP112DX Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
7.5.3.4 Fault Queue (F1/F0)
A fault condition exists when the measured temperature exceeds the user-defined limits set in the THIGH and
TLOW registers. Additionally, the number of fault conditions required to generate an alert, can be programmed
using the fault queue. The fault queue is provided to prevent a false alert as a result of environmental noise. The
fault queue requires consecutive fault measurements to trigger the alert function. Table 7-11 lists the number of
measured faults that can be programmed to trigger an alert condition in the device. For THIGH and TLOW register
format and byte order, see the High- and Low-Limit Registers section.
Table 7-11. TMP112 family Fault Settings
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
7.5.3.5 Converter Resolution (R1 and R0)
The converter resolution bits, R1 and R0, are read-only bits. The TMP112 family converter resolution is set on
start up to 11 which sets the temperature register to a 12-bit resolution.
7.5.3.6 One-Shot (OS)
When the device is in shutdown mode, writing a 1 to the OS bit begins a single temperature conversion. During
the conversion, the OS bit reads 0. The device returns to the SHUTDOWN state at the completion of the single
conversion. For more information on the one-shot conversion mode, see the Section 7.4.3 section.
7.5.3.7 Extended Mode (EM)
The extended mode bit configures the device for normal mode operation (EM = 0) or extended mode operation
(EM = 1). In normal mode, the temperature register and the high and low limit registers use a 12-bit data format.
For more information on the extended mode, see the Section 7.4.2 section.
7.5.3.8 Alert (AL)
The AL bit is a read-only function. Reading the AL bit provides information about the comparator mode status.
The state of the POL bit inverts the polarity of data returned from the AL bit. When the POL bit equals 0, the AL
bit reads as 1 until the temperature equals or exceeds T(HIGH) for the programmed number of consecutive faults,
causing the AL bit to read as 0. The AL bit continues to read as 0 until the temperature falls below T(LOW) for the
programmed number of consecutive faults, when the device again reads as 1. The status of the TM bit does not
affect the operation of the AL bit.
7.5.4 High- and Low-Limit Register
The temperature limits are stored in the T(LOW) and T(HIGH) registers in the same format as the temperature
result, and the values are compared to the temperature result on every conversion. The outcome of the
comparison drives the behavior of the ALERT pin/flag, which operates as a comparator output or an interrupt,
and is set by the TM bit in the configuration register.
In Comparator mode (TM = 0), the ALERT pin and status flag become active when the temperature equals or
exceeds the value in the T(HIGH) register and generates a consecutive number of faults according to fault bits F1
and F0. The ALERT pin and status flag remain active until the temperature falls below the indicated T(LOW) value
for the same number of faults.
In interrupt mode (TM = 1), the ALERT pin becomes active when the temperature equals or exceeds the value
in T(HIGH) for a consecutive number of fault conditions (as shown in Table 7-11). The ALERT pin remains active
until a read operation of any register occurs, or the device successfully responds to the SMBus alert response
address. The ALERT pin is also cleared if the device is placed in shutdown mode. When the ALERT pin
is cleared, the pin becomes active again only when temperature falls below T(LOW), and remains active until
cleared by a read operation of any register or a successful response to the SMBus alert response address.
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com