công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

00772425 bảng dữ liệu(PDF) 39 Page - Christian Bürkert GmbH & Co. KG

tên linh kiện 00772425
Giải thích chi tiết về linh kiện  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURKERT [Christian Bürkert GmbH & Co. KG]
Trang chủ  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772425 bảng dữ liệu(HTML) 39 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772425 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 40Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 41Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 42Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Type büS
Troubleshooting
39
Common problems:
▪ Partner allocation is active
▪ PLC has “stopped”
▪ Simulation is active
▪ Manual mode
Solution:
▪ Wait until the device finds its partner in the network
▪ Set the PLC to “RUN”
▪ Deactivate simulation
▪ Set the device to “Automatic”
14.4
Yellow LED on the device (out of specification)
Description:
The LED of a single device or multiple devices in the network lights up yellow.
Common problems:
▪ Device has reached an internal limit, e.g. temperature
▪ Teach function is required
▪ Device cannot reach the setpoint
Solution:
▪ Check the limits and messages with the PLC or Bürkert Communicator
▪ Start the device teach function
▪ Check the medium pressure
14.5
Blue LED on the device (maintenance required)
Description:
The LED of a single device or multiple devices in the network lights up blue.
Common problems:
▪ Switching cycle counter limit has been reached
▪ Config-Provider/Client missing
▪ Damaged calibration curve
Solution:
▪ Reset the switching cycle counter
▪ Replace the missing device
▪ Recalibrate the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42