| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BUS bảng dữ liệu(PDF) 28 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
BUS bảng dữ liệu(HTML) 28 Page - Christian Bürkert GmbH & Co. KG |
|
28 / 42 page ![]() Type büS büS network shielding 28 11.4 Network with RC shielded devices In a network with RC shielded devices, shield must be only on one point directly connected to FE. This shielding set-up only shields E-Fields, but it is usually preferred, when FE area connection is poor. ▪ Either by using one direct shielded device. Device 3 (RC) Device 4 (RC) Device 2 (RC) Device 1 (Direct) Fig. 29: RC shielded ▪ Or by grounding the cable shield directly anywhere in network, e.g. in the middle or near a source of EMC disturbance for immediate derivation. In general, a distance between H-Field emitting machines and büS network is recommended. If not pos- sible, use grounded metal duct for additional shielding the büS cable in whole. Device 3 (RC) Device 4 (RC) Device 2 (RC) Device 1 (RC) Fig. 30: RC shielded |