công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3363 bảng dữ liệu(PDF) 32 Page - Christian Bürkert GmbH & Co. KG

tên linh kiện 3363
Giải thích chi tiết về linh kiện  Electromotive 2-way diaphragm control valve
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURKERT [Christian Bürkert GmbH & Co. KG]
Trang chủ  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3363 bảng dữ liệu(HTML) 32 Page - Christian Bürkert GmbH & Co. KG

Back Button 3363 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 3363 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Type 3363
32 | 35
Visit product website 
Design of electromotive diaphragm valve Type 3363 AG3
Actuator housing
Transparent window with position indicator
Pressure compensation element/access
to the mechanical manual override
SAFEPOS energypack
(optional)
Electrical connections (circular plug-in connector)
FE Functional earth
Actuator cover
Blind cover or display module with
device status indicator and bayonet catch
Actuator base
2 relief bores
Diaphragm socket
Port connection
Valve body
Diaphragm
Integrated position controller
The position of the actuator (stroke) is controlled
according to the position set-point. The position set-
point is either given by an external standard signal
(analogue) or via a fieldbus (digital). The displacement
transducer records the actual position (POS) of the
electric linear actuator. This actual position value is
compared by the positioner with the position set-
point (CMD) specified as standard signal. If there is
a system deviation (Xd1), the electric motor drive is
controlled via the manipulated variable CTRL and the
actual position value is changed accordingly.
Valve opening
Electro-
motive
actuator
Displacement transducer
Position
controller
Set-point
position value
CMD
Xd1
CTRL
POS
Z1
POS
Position control circuit
+ -
Valve body
Integrated process controller (optional)
The additionally implemented PID controller allows
process control. The set-point position of the valve
is calculated from the external signal (e.g. level, pres-
sure, flow rate, temperature) for the process set-point
and the actual process value via the control parame-
ters (PID controller).
Process size
Process
Transmitter
Process-
controller
Process
set-point
SP
Xd2
CMD
Valve
opening
PV
+ -
Positon
control
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com