| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5162DDVR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5162DDVR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 29 page ![]() www.ti.com ABSOLUTE MAXIMUM RATINGS TAS5162 SLES194C – OCTOBER 2006 – REVISED MAY 2007 over operating free-air temperature range unless otherwise noted (1) TAS5162 VDD to AGND –0.3 V to 13.2 V GVDD_X to AGND –0.3 V to 13.2 V PVDD_X to GND_X (2) –0.3 V to 71 V OUT_X to GND_X (2) –0.3 V to 71V BST_X to GND_X (2) –0.3 V to 79.7 V VREG to AGND –0.3 V to 4.2 V GND_X to GND –0.3 V to 0.3 V GND_X to AGND –0.3 V to 0.3 V GND to AGND –0.3 V to 0.3 V PWM_X, OC_ADJ, M1, M2, M3 to AGND –0.3 V to 4.2 V RESET_X, SD, OTW to AGND –0.3 V to 7 V Maximum continuous sink current (SD, OTW) 9 mA Maximum operating junction temperature range, TJ 0 °C to 125°C Storage temperature –40 °C to 125°C Lead temperature, 1,6 mm (1/16 inch) from case for 10 seconds 260 °C Minimum pulse duration, low 50 ns (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) These voltages represent the dc voltage + peak ac waveform measured at the terminal of the device in all conditions. ORDERING INFORMATION TA PACKAGE DESCRIPTION 0 °C to 70°C TAS5162DKD 36-pin PSOP3 0 °C to 70°C TAS5162DDV 44-pin HTSSOP For the most current specification and package information, see the TI Web site at www.ti.com. 4 Submit Documentation Feedback |