công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5404 bảng dữ liệu(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

tên linh kiện 5404
Giải thích chi tiết về linh kiện  Solenoids with Kick and Drop
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURKERT [Christian Bürkert GmbH & Co. KG]
Trang chủ  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

5404 bảng dữ liệu(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 5404 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 5404 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 5404 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 5404 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 5404 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 5404 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 5404 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 5404 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 5404 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7 | 17
Kick and Drop coils
Visit product website 
4.4. Ordering chart for Type 6013 with Kick and Drop coil
The Type 6013 valve is a direct-acting 2/2-way plunger valve. The Kick and Drop coil enables the holding power to be reduced by up
to 10 watts, depending on the version, and an increase in the pressure range for the normally closed version.
Note:
• For more information on the solenoid valve, see data sheet Type 6013 .
• Further variants with stainless steel body without short circuit ring, alternative voltages, NPT or RC internal threads, as flange
version or other seal materials available on request.
Circuit function
Port con-
nection
Orifice
K
V
value
water
Coil power
Pressure range
Article no.
Inrush
power
Holding
power
24 / AC/DC
230…240/AC
[mm]
[m3/h] [W]
[W]
[bar]
[V/Hz]
[V/Hz]
Brass body, G internal thread, seal material FKM/FKM
CF A
2/2-way solenoid valve
Direct-acting
Normally closed
2 (A)
1 (P)
G ⅛
1.0
0.04
12
0.6
0…60
20046576 
X
G ¼
2.0
0.12
12
0.6
0…20
20046577 
X
3.0
0.23
12
0.6
0…6
20046578 
X
4.0
0.30
12
0.6
0…2
20046579 
X
6.0
0.55
12
0.6
0…0.5
20046580 
X
G ⅛
1.0
0.04
20
2
0…60
20046581 
20072644 
G ¼
2.0
0.12
20
2
0…30
20046582 
20072648 
3.0
0.23
20
2
0…10
20046583 
20072653 
4.0
0.30
20
2
0…4
20046584 
20072657 
6.0
0.55
20
2
0…1
20046585 
20072661 
CF B
2/2-way solenoid valve
Direct-acting
Normally open
2 (B)
1 (P)
G ⅛
1.0
0.04
20
2
0…40
20046612 
20046630 
G ¼
2.0
0.12
20
2
0…16
20046613 
20046631 
3.0
0.23
20
2
0…8
20046615 
20046632 
4.0
0.30
20
2
0…4
20046616 
20046633 
6.0
0.55
20
2
0…2
20046617 
20046634 
X: on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com