công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS6425 bảng dữ liệu(PDF) 67 Page - STMicroelectronics

tên linh kiện ADS6425
Giải thích chi tiết về linh kiện  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6425 bảng dữ liệu(HTML) 67 Page - STMicroelectronics

Back Button ADS6425 Datasheet HTML 63Page - STMicroelectronics ADS6425 Datasheet HTML 64Page - STMicroelectronics ADS6425 Datasheet HTML 65Page - STMicroelectronics ADS6425 Datasheet HTML 66Page - STMicroelectronics ADS6425 Datasheet HTML 67Page - STMicroelectronics ADS6425 Datasheet HTML 68Page - STMicroelectronics ADS6425 Datasheet HTML 69Page - STMicroelectronics ADS6425 Datasheet HTML 70Page - STMicroelectronics ADS6425 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
www.ti.com
BOARD DESIGN CONSIDERATIONS
Grounding
Supply Decoupling
Exposed Thermal Pad
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
A single ground plane is sufficient to give optimum performance, provided the analog, digital and clock sections
of the board are cleanly partitioned. Refer to the EVM User Guide (SLAU196) for board layout schemes.
As the ADS644X already includes internal decoupling, minimal external decoupling can be used without loss in
performance. Note that the decoupling capacitors can help to filter external power supply noise, so the optimum
number of decoupling capacitors would depend on actual application.
It is recommended to use separate supplies for the analog and digital supply pins to isolate digital switching
noise from sensitive analog circuitry. In case only a single 3.3-V supply is available, it should be routed first to
AVDD. It can then be tapped and isolated with a ferrite bead (or inductor) with decoupling capacitor, before
being routed to LVDD.
It is necessary to solder the exposed pad at the bottom of the package to a ground plane for best thermal
performance. For detailed information, see application notes QFN Layout Guidelines (SLOA122A) and
QFN/SON PCB Attachment (SLUA271A).
67
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com