công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATAA-00 bảng dữ liệu(PDF) 4 Page - OSRAM GmbH

tên linh kiện ATAA-00
Giải thích chi tiết về linh kiện  Automotive High-Power Flood Illuminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ATAA-00 bảng dữ liệu(HTML) 4 Page - OSRAM GmbH

  ATAA-00 Datasheet HTML 1Page - OSRAM GmbH ATAA-00 Datasheet HTML 2Page - OSRAM GmbH ATAA-00 Datasheet HTML 3Page - OSRAM GmbH ATAA-00 Datasheet HTML 4Page - OSRAM GmbH ATAA-00 Datasheet HTML 5Page - OSRAM GmbH ATAA-00 Datasheet HTML 6Page - OSRAM GmbH ATAA-00 Datasheet HTML 7Page - OSRAM GmbH ATAA-00 Datasheet HTML 8Page - OSRAM GmbH ATAA-00 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Document Feedback
TARA2000-940-UN-AUT
General Description
Datasheet
• PUBLIC
DS000682
• v3-00 • 2023-Mar-28
24
│ 3
1
General Description
1.1
Key Benefits & Features
The TARA2000-940-UN-AUT module is specifically designed for monochromatic, infrared, high-power,
uniform illumination.
The compact modules are assembled with ams OSRAM state-of-the-art component manufacturing
processes and are reflow solderable. Those modules, using laser illumination, allow improved
efficiency, reduced footprint, and overall improved system performance.
Figure 1:
Added Value Overview
Benefits
Features
Small package size
4.1 mm x 4.1 mm x 1.38 mm ± 0.100 mm
Power efficient
High power conversion efficiency
Easy component mounting
Standard lead-free solder reflow compatible
Uniform power distribution
100% tested for uniformity in the far field
Automotive qualified
AEC-Q102 standard
Safety compliance
ISO2626 compliant
Safety ASIL level
ASIL A
Full traceability
Unit level track with 2D barcode
1.2
Applications
●
Illumination for 3D Time-of-Flight and 2D Near-Infrared Cameras for in-cabin sensing
●
Driver Monitoring
●
In-cabin Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com