công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPLPL90AT03 bảng dữ liệu(PDF) 9 Page - OSRAM GmbH

tên linh kiện SPLPL90AT03
Giải thích chi tiết về linh kiện  Radial T1 3/4 Pulsed Laser Diode in Plastic Package 75 W Peak Power
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLPL90AT03 bảng dữ liệu(HTML) 9 Page - OSRAM GmbH

Back Button SPLPL90AT03 Datasheet HTML 5Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 6Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 7Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 8Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 9Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 10Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 11Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 12Page - OSRAM GmbH SPLPL90AT03 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SPL PL90AT03
DATASHEET
DATASHEET
9 | Version 1.0 | 2023-04-12
Dimensional Drawing 5)
Further Information:
Approximate Weight:
241.0 mg
Package marking:
Anode
Notes
Depending on the mode of operation, these devices emit highly concentrated visible and non visible light
which can be hazardous to the human eye. Products which incorporate these devices have to follow the
safety precautions given in IEC 60825-1.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13