| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ME-RVC bảng dữ liệu(PDF) 1 Page - Sensata Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
ME-RVC bảng dữ liệu(HTML) 1 Page - Sensata Technologies, Inc. |
|
1 / 2 page ![]() Page 1 Copyright © 2022 Sensata Technologies, Inc. sensata.com ME-RVC | BRIDGE MODULE Features • Connect up to two Magnum Energy brand inverter/chargers to one module. • Emulates the Magnum Energy ME-RC remote control, to allow RV-C control of the features and settings in the inverter and in the ME-AGS and ME-BMK accessories. • If using the ME-RVC bridge module with MS or MMS Series inverter/chargers, easily choose from and set standard battery profiles, including Lithium Iron Phosphate (LFP), Gel, Flooded, AGM1, and AGM2 from appropriate RV-C compliant devices. Introduction The ME-RVC bridge module converts proprietary MagNet data to the commonly used RV-C communications protocol, allowing Magnum Energy brand inverters and accessories to communicate with RV-C compliant devices. Model Numbers • ME-RVC • ME-RVC-L Works With • ME Series • MM Series • MMS Series • MS Series • MSH-D • MSH-M • MS-PAE Series • RD Series |
Số phần tương tự - ME-RVC |
|
Mô tả tương tự - ME-RVC |