công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BB830 bảng dữ liệu(PDF) 2 Page - BusBoard Prototype Systems Ltd.

tên linh kiện BB830
Giải thích chi tiết về linh kiện  830 tie-point Solderless Plug-In BreadBoard with power rails
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BUSBOARD [BusBoard Prototype Systems Ltd.]
Trang chủ  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

BB830 bảng dữ liệu(HTML) 2 Page - BusBoard Prototype Systems Ltd.

  BB830 Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. BB830 Datasheet HTML 2Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT DATASHEET REV 7
BPS-DOC-(BB830)-Rev 7 Datasheet
BusBoard Prototype Systems
www.BusBoard.com
"Faster ways to build prototypes"
© 2015 BusBoard Prototype Systems Ltd. (BPS). "BB830", "BusBoard", and the BusBoard design mark are trademarks of BusBoard Prototype Systems. All rights reserved.
BreadBoard-830 is a solderless (plug-in) breadboard with 830 connection tie-points (i.e. 830 wire
insertion holes). It has 4 power rails. Solderless breadboards are great for building and testing new
circuits because parts can be easily inserted and removed. They are completely re-usable. The
BB830 has a 630 tie-point IC-circuit area plus four 50 tie-point power rails.
The housing is made of white ABS plastic, with a printed legend giving numbers and letters for
columns and rows. The internal contacts are phosphor bronze with a plated nickel finish. A
peelable adhesive tape backing is provided for attaching it to a surface and an optional metal
back plate is provided. BPS BreadBoards are Lead-Free and RoHS Compliant. Finished projects
can be moved to a BR1 or SB830 Solderable PC BreadBoard to make them permanent.
BB830 Details:
Related Products:
BB1460
ZW-MM-10
BB400
SB830



Html Pages

1 2