công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTP8800-4AIPVPBF bảng dữ liệu(PDF) 12 Page - Analog Devices

tên linh kiện LTP8800-4AIPVPBF
Giải thích chi tiết về linh kiện  200A DC/DC μModule Regulator with PMBus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTP8800-4AIPVPBF bảng dữ liệu(HTML) 12 Page - Analog Devices

Back Button LTP8800-4AIPVPBF Datasheet HTML 8Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 9Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 10Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 11Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 12Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 13Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 14Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 15Page - Analog Devices LTP8800-4AIPVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LTP8800-4A
12
Rev. A
For more information www.analog.com
LTpowerPlay: AN INTERACTIVE GUI FOR DIGITAL
POWER μModule ICs
LTpowerPlay is a powerful Graphical User Interface (GUI)
that supports the digital power μModule LTP8800-4A, as
shown in Figure 5. In online mode, LTpowerPlay can be
used to evaluate single or multiple LTP8800-4A μModule
ICs of different types by connecting to a demo board or the
user application. In offline mode with no hardware con-
nected via PMBus, LTpowerPlay can also be used to build
the project file with configuration of multiple μModule
ICs, and the project file can be saved and reloaded later.
Moreover, during board bring-up, LTpowerPlay can be
used as a valuable diagnostic tool to program the power
system, to tweak the system settings, or to diagnose sys-
tem issues.
LTpowerPlay utilizes Analog Device’s USB-to-I2C/SMBus/
PMBus Controller, DC1613A, to communicate with cir-
cuit boards including the DC3198A (single LTP8800-4A
μModule) or DC3176A (triple LTP8800-4A μModule ICs)
demo boards, or a customer target system. Further context
information, including tutorial demos, is available here.
APPLICATIONS INFORMATION
Figure 5. LTpowerPlay Main Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21