| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMS5105 bảng dữ liệu(PDF) 2 Page - Analog Microelectronics GmbH |
|
|
|||||||||||||||||||||||||||||
AMS5105 bảng dữ liệu(HTML) 2 Page - Analog Microelectronics GmbH |
|
2 / 8 page ![]() AMS 5105 Pressure sensor with one analog and two switching outputs May 2012 - Rev. 2.0 Page 2/8 www.analogmicro.de PRESSURE RANGES Sensor type (code) Pressure type Pressure range in mbar Burst pressure 1) in bar Pressure range in PSI Burst pressure 1) in PSI Ultra low pressure AMS 5105-0005-D AMS 5105-0010-D AMS 5105-0005-D-B AMS 5105-0010-D-B differential / relative differential / relative bidirectional differential bidirectional differential 0 … 5 0 … 10 -5 / +5 -10 / +10 >0.35 >0.35 >0.35 >0.35 0 … 0.0725 0 … 0.145 -0.0725 / 0.0725 -0.145 / +0.145 >5 >5 >5 >5 Low pressure AMS 5105-0020-D AMS 5105-0050-D AMS 5105-0100-D AMS 5105-0020-D-B AMS 5105-0050-D-B AMS 5105-0100-D-B differential / relative differential / relative differential / relative bidirectional differential bidirectional differential bidirectional differential 0 … 20 0 … 50 0 … 100 -20 / +20 -50 / +50 -100 / +100 >0.5 >1 >1 >0.5 >1 >1 0 … 0.290 0 … 0.725 0 … 1.450 -0.290 / +0.290 -0.725 / +0.725 -1.450 / +1.450 >7.5 >15 >15 >7.5 >15 >15 Standard pressure AMS 5105-0200-D AMS 5105-0350-D AMS 5105-1000-D AMS 5105-2000-D AMS 5105-4000-D AMS 5105-7000-D AMS 5105-0200-D-B AMS 5105-0350-D-B AMS 5105-1000-D-B AMS 5105-1000-A AMS 5105-2000-A AMS 5105-1200-B differential / relative differential / relative differential / relative differential / relative differential / relative differential / relative bidirectional differential bidirectional differential bidirectional differential absolute absolute barometric 0 … 200 0 … 350 0 … 1000 0 … 2000 0 … 4000 0 … 7000 -200 / +200 -350 / +350 -1000/ +1000 0 … 1000 0 … 2000 750 … 1200 5 5 5 15.5 15.5 15.5 5 5 5 5 5 5 0 … 2.901 0 … 5.076 0 … 14.50 0 … 29.01 0 … 58.02 0 … 101.5 -2.901 / +2.901 -5.076 / +5.076 -14.50 / +14.50 0 … 14.5 0 … 29.01 10.88 … 17.4 72 72 72 225 225 225 72 72 72 72 72 72 Table 1: AMS 5105 standard pressure ranges (other ranges on request) Notes: 1) Burst pressure is defined as the maximum pressure which may be applied to one pressure port relative to the other port (or while only one pressure port is connected) without causing leaks in the sensor. |