| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZTL431 bảng dữ liệu(PDF) 2 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
ZTL431 bảng dữ liệu(HTML) 2 Page - Zetex Semiconductors |
|
2 / 12 page ![]() ZTL431, ZTL432 Issue 8 - April 2007 2 www.zetex.com © Zetex Semiconductors plc 2007 Ordering information Absolute maximum ratings Cathode voltage (VKA) .............................................................. 20V Continuous cathode current (IKA) ........................................ 150mA Reference input current range (IREF)..................... -50 µA to 10mA Operating junction temperature ................................. -40 to 150°C Storage temperature ................................................... -55 to 150°C Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may reduce device reliability. Unless otherwise stated voltages specified are relative to the ANODE pin. Package thermal data Tol. Order code Pack Part mark Status* Reel Size Tape width (mm) Quantity per reel 1% ZTL431ACSTZ TO92 ZTL431A Active Concertina N/A 1500 ZTL431AE5TA SOT23-5 31A Preview* 7”, 180mm 8 3000 ZTL431AFFTA SOT23F 31A Active 7”, 180mm 8 3000 ZTL431AFTA SOT23 31A Active 7”, 180mm 8 3000 ZTL431AH6TA SC70-6 31A Preview* 7”, 180mm 8 3000 ZTL431AZTA SOT89 31A Preview* 7”, 180mm 12 1000 ZTL432AFFTA SOT23F 32A Active 7”, 180mm 8 3000 ZTL432AFTA SOT23 32A Active 7”, 180mm 8 3000 0.5% ZTL431BCSTZ TO92 ZTL431B Preview* Concertina N/A 1500 ZTL431BE5TA SOT23-5 31B Preview* 7”, 180mm 8 3000 ZTL431BFFTA SOT23F 31B Preview* 7”, 180mm 8 3000 ZTL431BFTA SOT23 31B Active 7”, 180mm 8 3000 ZTL431BH6TA SC70-6 31B Preview* 7”, 180mm 8 3000 ZTL431BZTA SOT89 31B Preview* 7”, 180mm 12 1000 ZTL432BFFTA SOT23F 32B Active 7”, 180mm 8 3000 ZTL432BFTA SOT23 32B Active 7”, 180mm 8 3000 NOTES: * For availability of pre-production status devices contact your local Zetex representative Package JA PDIS TA =25°C, TJ = 150°C TO92 160°C/W 780mW SOT23 380°C/W 330mW SOT23F 138°C/W 900mW SOT23-5 250°C/W 500mW SOT89 125°C/W 1000mW |