| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZSM560 bảng dữ liệu(PDF) 2 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
ZSM560 bảng dữ liệu(HTML) 2 Page - Zetex Semiconductors |
|
2 / 5 page ![]() Issue 4 - July 2006 www.zetex.com © Zetex Semiconductors plc 2006 TEST CONDITIONS (Tamb=25°C for typical values, Tamb=-40 to 85°C for min/max values (Note3)) COMPARATOR PARAMETER SYMBOL MIN TYP. MAX. UNITS Threshold Voltage High state output (Vcc increasing) VIH 4.5 4.61 4.7 V Threshold Voltage Low state output (Vcc decreasing) VIL 4.5 4.59 4.7 V Hysteresis VH 0.01 0.02 0.05 V OUPUT Output sink saturation: VOL (Vcc=4.0V, Isink=8.0mA) 0.46 1.0 V (Vcc=4.0V, Isink=2.0mA) 0.15 0.4 V (Vcc=1.0V, Isink=0.1mA) 0.25 V Onstate output sink current (Vcc , Output=4V) Isink 10 20 60 mA Offstate output leakage current (Vcc , Output=5V) Ioh 0.02 0.5 µA Clamp diode forward voltage (If=10mA) Vf 0.61.21.5V Propagation delay (Vin 5V to 4V, Rl=10k, Tamb=25°C) Td 1.5 µs TOTAL DEVICE Operating input voltage range Vcc 1.0 to 6.5 V Quiescent input current (Vcc=5V) Iq 135 200 µA Note: 1. Maximum package power dissipation must be observed. 2. Maximum power dissipation for the SOT223 package is calculated assuming that the device is mounted on a PCB measuring 2 inches square. 3. Low duty cycle pulse techniques are used during test to maintain junction temperatures as close to ambient as possible. ZSM560 ABSOLUTE MAXIMUM RATING Input Supply Voltage -1 to 10V Offstate Output Voltage 10V Onstate Output Sink Current(Note 1) Internally limited Clamp Diode Forward Current(Note 1) 100mA Operating Junction Temperature 150°C Operating Temperature -40 to 85°C Storage Temperature -55 to 150°C Power Dissipation TO92 780mW SOT223 2W(Note 2) 4-360 |