| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XN-2P-RKMT299 bảng dữ liệu(PDF) 3 Page - Extreme Networks. |
|
|
|||||||||||||||||||||||||||||
XN-2P-RKMT299 bảng dữ liệu(HTML) 3 Page - Extreme Networks. |
|
3 / 9 page ![]() External Interfaces Switch Model Interfaces 5720-24MW • 24 x 100M/1/2.5/5GBASE-T 802.3bt (90W) ports ◦ Full-Duplex ◦ MACsec-capable • 2 x Stacking/QSFP28 ports (unpopulated) • 1 x Serial console port (RJ-45) • 1 x 10/100/1000BASE-T out-of-band management port • 2 x USB A ports for management or external USB flash • 1 x USB Micro-B console port • 1 x VIM slot 5720-48MW • 48 x 100M/1/2.5/5GBASE-T 802.3bt (90W) ports ◦ Full-Duplex ◦ MACsec-capable • 2x Stacking/QSFP28 ports (unpopulated) • 1x Serial console port (RJ-45) • 1x 10/100/1000BASE-T out-of-band management port • 2x USB A ports for management or external USB flash • 1x USB Micro-B console port • 1 x VIM slot 5720-24MXW • 24 x 100M/1/2.5/5/10GBASE-T 802.3bt (90W) ports ◦ Full-Duplex ◦ MACsec-capable • 2x Stacking/QSFP28 ports (unpopulated) • 1x Serial console port (RJ-45) • 1x 10/100/1000BASE-T out-of-band management port • 2x USB A ports for management or external USB flash • 1x USB Micro-B console port • 1 x VIM slot • 1 x SSD slot 5720-48MXW • 48 x 100M/1/2.5/5/10GBASE-T 802.3bt (90W) ports ◦ Full-Duplex ◦ MACsec-capable • 2x Stacking/QSFP28 ports (unpopulated) • 1x Serial console port (RJ-45) • 1x 10/100/1000BASE-T out-of-band management port • 2x USB A ports for management or external USB flash • 1x USB Micro-B console port • 1 x VIM slot • 1 x SSD slot 5720-VIM-6YE • 6 x 1/10/25G SFP28 ports ◦ MACsec-capable 5720-VIM-2CE • 2 x 100Gb QSFP28 ports ◦ MACsec-capable ◦ 10/25/40Gb data rates supported via channelization www.extremenetworks.com 3 |