công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF4SAM3X84/9BA659 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện MF4SAM3X84/9BA659
Giải thích chi tiết về linh kiện  MIFARE SAM AV3 secure access module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3X84/9BA659 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button MF4SAM3X84/9BA659 Datasheet HTML 4Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 5Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 6Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 7Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 8Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 9Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 10Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 11Page - NXP Semiconductors MF4SAM3X84/9BA659 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NXP Semiconductors
MF4SAM3X_ SDS
MIFARE SAM AV3 secure access module
8 Static characteristics
8.1 Measurement conventions
Testing measurements are performed at the contact pads of the device under test. All voltages are defined with
respect to the ground contact pad VSS. All currents flowing into the Smart Card IC are considered positive.
8.2 Levels and currents
Conditions: VDD = 1.62 V to 5.5 V; VSS = 0 V; Tamb = -25 °C to 85 °C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
0.7 × VDD -
VDD + 0.3 V
VIL
LOW-level input voltage
-0.3
-
0.25 × VDD V
IIH
HIGH-level input current in
"weak pull-up" input mode
0.7 VDD ≤ VI ≤ VDD;
Test conditions for the maximum
absolute value:
IIH(max): VI = 0.7 VDD,
VDD = VDD(max) of the respective
supply voltage class A, B or C
0
-
-20
μA
IIL
LOW-level input current
0 V ≤ VI ≤ 0.3 VDD;
Test conditions for the maximum
absolute value:
IIL(max): VI = 0 V, VDD = VDD(max)
of the respective supply voltage
class A, B or C
-
-
-50
μA
0.3 VDD < VI ≤ VDD;
Test conditions for the maximum absolute value:
VI = 0.5 VDD, VDD = VDD(max) of the respective supply voltage class A, B or C [1]
Class A
-
-
-300
μA
Class B
-
-
-250
μA
ITL
HIGH-to-LOW transition
input current (only in
"quasi-bidirectional" mode)
Class C
-
-
-200
μA
II
input current in "weak pull-
up" input mode
0 V ≤ VI ≤ VDD;
Test conditions for the maximum
absolute value:
II(max): VI = 0 V, VDD = VDD(max)
of the respective supply voltage
class A, B or C
0
-
-50
μA
IILIH
leakage input current at
input voltage beyond VDD
in "weak pull-up" input
mode
VDD < VI ≤ VDD + 0.3 V;
-25 °C ≤ Tamb ≤ 85 °C;
Test conditions: VI = VDD + 0.3 V;
VDD = VDD(max) of the respective
supply voltage class A, B or C;
Tamb = 85 °C
-
-
20
μA
Table 6. Electrical DC characteristics of Input/Output: IO1, IO2 and IO3
MF4SAM3X_SDS
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.2 — 5 March 2024
8 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com