| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZXM61P02F bảng dữ liệu(PDF) 2 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
ZXM61P02F bảng dữ liệu(HTML) 2 Page - Zetex Semiconductors |
|
2 / 7 page ![]() ZXM61P02F THERMAL RESISTANCE PARAMETER SYMBOL VALUE UNIT Junction to Ambient (a) RθJA 200 °C/W Junction to Ambient (b) RθJA 155 °C/W NOTES (a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions (b) For a device surface mounted on FR4 PCB measured at t 5 secs. (c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph. 2 ABSOLUTE MAXIMUM RATINGS. PARAMETER SYMBOL LIMIT UNIT Drain-Source Voltage VDSS -20 V Gate- Source Voltage VGS ± 12 V Continuous Drain Current (VGS=4.5V; TA=25°C)(b) (VGS=4.5V; TA=70°C)(b) ID -0.9 -0.7 A Pulsed Drain Current (c) IDM -4.9 A Continuous Source Current (Body Diode)(b) IS -0.9 A Pulsed Source Current (Body Diode)(c) ISM -4.9 A Power Dissipation at TA=25°C (a) Linear Derating Factor PD 625 5 mW mW/°C Power Dissipation at TA=25°C (b) Linear Derating Factor PD 806 6.4 mW mW/°C Operating and Storage Temperature Range Tj:Tstg -55 to +150 °C ISSUE 1 - JUNE 2004 |