| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8820U bảng dữ liệu(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8820U bảng dữ liệu(HTML) 39 Page - NXP Semiconductors |
|
39 / 60 page ![]() 2000 Dec 07 39 Philips Semiconductors Product specification 67 × 101 Grey-scale/ECB colour dot matrix LCD driver PCF8820 43 10010100 grey-scale/colour command page: set grey-scale to 20 (GS5 to GS0 = 010100) 44 10000000 control byte: Co = 1, RS = 0 45 01000010 grey-scale/colour command page: select grey-scale register 2 (GR1 to GR0 = 10) 46 10000000 control byte: Co = 1, RS = 0 47 10101000 grey-scale/colour command page: set grey-scale register 2 to 40 (GS5 to GS0 = 101000) 48 10000000 control byte: Co = 1, RS = 0 49 01000011 grey-scale/colour command page: select grey-scale register 3 (GR1 to GR0 = 11) 50 10000000 control byte: Co = 1, RS = 0 51 10111111 grey-scale/colour command page: set grey-scale register 3 to 63 (GS5 to GS0 = 111111) 52 10000000 control byte: Co = 1, RS = 0 53 00000001 H2 to H0 independent command: select function and RAM command page (H2 to H0 = 000) 54 10000000 control byte: Co = 1, RS = 0 55 00001010 function and RAM command page: select HVGen command page (H2 to H0 = 010) 56 10000000 control byte: Co = 1, RS = 0 57 00000101 HVGen command page: enable HVGen (HVE = 1) and select LOW VLCD programming range (PRS = 0) 58 10000000 control byte: Co = 1, RS = 0 59 00000001 H2 to H0 independent command: select function and RAM command page (H2 to H0 = 000) 60 10000000 control byte: Co = 1, RS = 0 61 00010010 function and RAM command page: select normal operation (PD = 0) and vertical address mode (V = 1) 62 10000000 control byte: Co = 1, RS = 0 63 00001010 function and RAM command page: select HVGen command page (H2 to H0 = 010) STEP SERIAL BUS BYTE LCD OPERATION DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 |