| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90USB647 bảng dữ liệu(PDF) 52 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90USB647 bảng dữ liệu(HTML) 52 Page - ATMEL Corporation |
|
52 / 435 page ![]() 52 7593D–AVR–07/06 AT90USB64/128 • Bit 0 – PLOCK: PLL Lock Detector When the PLOCK bit is set, the PLL is locked to the reference clock, and it is safe to enable PCK for Timer/Counter1. After the PLL is enabled, it takes about 100 ms for the PLL to lock. To clear PLOCK, clear PLLE and PLLPx bits. |