| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8578 bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8578 bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 44 page ![]() 1998 Sep 08 26 Philips Semiconductors Product specification LCD row/column driver for dot matrix graphic displays PCF8578 10 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). 11 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe it is desirable to take normal precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC12 under “Handling MOS Devices”. SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage −0.5 +8.0 V VLCD LCD supply voltage VDD − 11 VDD V VI1 input voltage SDA, SCL, CLK, TEST, SA0 and OSC VSS − 0.5 VDD + 0.5 V VI2 input voltage V2 to V5 VLCD − 0.5 VDD + 0.5 V Vo1 output voltage SYNC and CLK VSS − 0.5 VDD + 0.5 V Vo2 output voltage R0 to R7, R8/C8 to R31/C31 and C32 to C39 VLCD − 0.5 VDD + 0.5 V II DC input current −10 +10 mA IO DC output current −10 +10 mA IDD, ISS, ILCD VDD, VSS or VLCD current −50 +50 mA Ptot total power dissipation per package − 400 mW Po power dissipation per output − 100 mW Tstg storage temperature −65 +150 °C |