| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APT50M75JLL bảng dữ liệu(PDF) 2 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT50M75JLL bảng dữ liệu(HTML) 2 Page - Advanced Power Technology |
|
2 / 5 page ![]() DYNAMIC CHARACTERISTICS APT50M75JLL Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current 1 (Body Diode) Diode Forward Voltage 2 (V GS = 0V, IS = -51A) Reverse Recovery Time (I S = -51A, dlS/dt = 100A/µs) Reverse Recovery Charge (I S = -51A, dlS/dt = 100A/µs) Peak Diode Recovery dv/dt 5 UNIT Amps Volts ns µC V/ns MIN TYP MAX 51 228 1.3 655 13.5 8 Symbol R θJC R θJA MIN TYP MAX 0.27 40 UNIT °C/W Characteristic Junction to Case Junction to Ambient Symbol I S I SM V SD t rr Q rr dv/dt Symbol C iss C oss C rss Q g Q gs Q gd t d(on) t r t d(off) t f E on E off E on E off Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge 3 Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy 6 Turn-off Switching Energy Turn-on Switching Energy 6 Turn-off Switching Energy Test Conditions V GS = 0V V DS = 25V f = 1 MHz V GS = 10V V DD = 250V I D = 51A @ 25°C RESISTIVESWITCHING V GS = 15V V DD = 250V I D = 51A @ 25°C R G = 0.6Ω INDUCTIVE SWITCHING @ 25°C V DD = 333V, VGS = 15V I D = 51A, RG = 5Ω INDUCTIVE SWITCHING @ 125°C V DD = 333V VGS = 15V I D = 51A, RG = 5Ω MIN TYP MAX 5590 1180 85 125 33 65 8 17 21 3 675 650 1110 755 UNIT pF nC ns µJ SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS THERMALCHARACTERISTICS 1 Repetitive Rating: Pulse width limited by maximum junction temperature 2 Pulse Test: Pulse width < 380 µs, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471 4 Starting Tj = +25°C, L = 1.92mH, RG = 25Ω, Peak IL = 51A 5 dv /dt numbers reflect the limitations of the test circuit rather than the device itself. I S ≤ -ID51A di/dt ≤ 700A/µs V R ≤ VDSS T J ≤ 150°C 6 Eon includes diode reverse recovery. See figures 18, 20. APT Reserves the right to change, without notice, the specifications and information contained herein. 10-5 10-4 10-3 10-2 10-1 1.0 RECTANGULARPULSEDURATION(SECONDS) FIGURE1,MAXIMUMEFFECTIVETRANSIENTTHERMALIMPEDANCE,JUNCTION-TO-CASEvsPULSEDURATION 0.30 0.25 0.20 0.15 0.10 0.05 0 Note: Duty Factor D = t1/t2 Peak TJ = PDM x ZθJC + TC t1 t2 0.5 SINGLE PULSE 0.1 0.3 0.7 0.9 0.05 |