công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BES02ZJ bảng dữ liệu(PDF) 2 Page - Balluff Korea Ltd.

tên linh kiện BES02ZJ
Giải thích chi tiết về linh kiện  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BALLUFF [Balluff Korea Ltd.]
Trang chủ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02ZJ bảng dữ liệu(HTML) 2 Page - Balluff Korea Ltd.

  BES02ZJ Datasheet HTML 1Page - Balluff Korea Ltd. BES02ZJ Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M30EG1-PSC80S-S04G-S
Order Code: BES02ZJ
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 129964
ETIM 6.0: EC002714
BES02ZJ_0.49_2023-12-20
2 / 2
Material
Housing material
Stainless steel
Material sensing surface
Stainless steel
Mechanical data
Dimension
Ø 30 x 65 mm
Installation
for flush mounting
Size
M30x1.5
Tightening torque
30 Nm
Range/Distance
Assured operating distance Sa
6.5 mm
Hysteresis H max. (% of Sr)
10.0 %
Rated operating distance Sn
8 mm
Real switching distance sr
8 mm
Repeat accuracy max. (% of Sr)
2.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
EMC: Achieves severity level only with shielded connector BKSS19-14-... Connect shield to both ends.
The sensor is functional again after the overload has been eliminated.
Ferrous - Detects ferromagnetic steel
Non-Ferrous metals (such as aluminum, copper, brass) and austenitic steel are ignored.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com