| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2116CHZ bảng dữ liệu(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2116CHZ bảng dữ liệu(HTML) 17 Page - NXP Semiconductors |
|
17 / 64 page ![]() 1997 Apr 07 17 Philips Semiconductors Product specification LCD controller/drivers PCF2116 family Fig.11 Relationship between CGRAM addresses and data and display patterns. handbook, full pagewidth MGA800 - 1 7 654 321 0 654 321 0 432 10 higher order bits lower order bits lower order bits higher order bits lower order bits higher order bits 0 000 000 0 0 000 000 0 001 00 0 010 00 0 011 0 100 0 0 0 101 00 0 110 00 0 111 000 00 000 00 0 001 0 0 0 010 00 00 011 100 101 00 00 110 00 00 111 000 00 001 0 000 000 1 0 001 0 000 001 0 0 000 111 1 0 000 111 1 0 000 111 1 0 000 111 1 01 0 0 000 100 101 110 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 11 1 character codes (DDRAM data) CGRAM address character patterns (CGRAM data) character pattern example 1 cursor position character pattern example 2 Character code bits 0 to 3 correspond to CGRAM address bits 3 to 6. CGRAM address bits 0 to 2 designate character pattern line position. The 8th line is the cursor position and display is performed by logical OR with the cursor. Data in the 8th line will appear in the cursor position. Character pattern column positions correspond to CGRAM data bits 0 to 4, as shown in Fig.11 (bit 4 being at the left end). As shown in Figs 8 and 11, CGRAM character patterns are selected when character code bits 4 to 7 are all logic 0. CGRAM data = logic 1 corresponds to selection for display. Only bits 0 to 5 of the CGRAM address are set by the ‘Set CGRAM address’ instruction. Bit 6 can be set using the ‘Set DDRAM address’ instruction or by using the auto-increment feature during CGRAM write. All bits 0 to 6 can be read using the ‘Read busy flag and address’ instruction. |