| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2116AU/12 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2116AU/12 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 64 page ![]() 1997 Apr 07 5 Philips Semiconductors Product specification LCD controller/drivers PCF2116 family 6 PINNING SYMBOL LQFP128 FFC PAD TYPE DESCRIPTION R31 1 27 O LCD row driver output n.c. 2 and 3 −− not connected R32 4 28 O LCD row driver output C60 to C30 5 to 35 29 to 59 O LCD column driver outputs 60 to 30 n.c. 36 and 37 −− not connected C29 to C2 38 to 65 60 to 87 O LCD column driver outputs 29 to 2 n.c. 66 and 67 −− not connected C1 68 88 O LCD column driver output 1 R24 to R17 69 to 76 89 to 96 O LCD row driver outputs R8 to R1 77 to 84 97 to 104 O LCD row driver outputs n.c. 85 and 86 −− not connected DB7 87 105 I/O 1 bit of 8-bit bidirectional data bus SCL 88 106 I I2C-bus serial clock input DB6 89 107 I/O 1 bit of 8-bit bidirectional data bus SDA 90 108 I/O I2C-bus serial data input/output DB5 91 109 I/O 1 bit of 8-bit bidirectional data bus V0 92 110 I control input for VLCD VLCD1 93 111 I/O LCD supply voltage input/output 1 DB4 94 112 I/O 1 bit of 8-bit bidirectional data bus VLCD2 95 113 I/O LCD supply voltage input/output 2 DB3 96 114 I/O 1 bit of 8-bit bidirectional data bus VLCD3 97 115 I/O LCD supply voltage input/output 3 DB2 98 116 I/O 1 bit of 8-bit bidirectional data bus n.c. 99 to 101 −− not connected OSC 102 1 I oscillator/external clock input DB1 103 2 I/O 1 bit of 8-bit bidirectional data bus VDD2 104 3 P supply voltage 2 DB0 105 4 I/O 1 bit of 8-bit bidirectional data bus VDD1 106 5 P supply voltage 1 SA0 107 6 I I2C-bus address pin E 108 7 I data bus clock input (parallel control) VSS1 109 8 P ground (logic) 1 R/W 110 9 I read/write input (parallel control) T1 111 10 I test pad (connect to VSS) VSS2 112 11 P ground (logic) 2 RS 113 12 I register select input (parallel control) n.c. 114 −− not connected R9 to R16 115 to 122 13 to 20 O LCD row driver outputs R25 to R30 123 to 128 21 to 26 O LCD row driver outputs |