công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KB844AB bảng dữ liệu(PDF) 6 Page - Kingbright Corporation

tên linh kiện KB844AB
Giải thích chi tiết về linh kiện  PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KINGBRIGHT [Kingbright Corporation]
Trang chủ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB844AB bảng dữ liệu(HTML) 6 Page - Kingbright Corporation

  KB844AB Datasheet HTML 1Page - Kingbright Corporation KB844AB Datasheet HTML 2Page - Kingbright Corporation KB844AB Datasheet HTML 3Page - Kingbright Corporation KB844AB Datasheet HTML 4Page - Kingbright Corporation KB844AB Datasheet HTML 5Page - Kingbright Corporation KB844AB Datasheet HTML 6Page - Kingbright Corporation KB844AB Datasheet HTML 7Page - Kingbright Corporation KB844AB Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PHOTOCOUPLER
KB844
SPEC NO: DSAD1536
REV NO: V.5
DATE: MAR/14/2005
PAGE: 6 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: S.H.CHEN
ERP:1205000023
Cycle
One cycle allowed to be dipped in solder including plastic nold portion.
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
even if the voltage is within the absolute maximum ratings.
Be aware that power is suddenly into the component any surge current may cause damage happen,
2.Cautions regarding noise
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
(2) Cautions
Fluxes
Flux
Voltage vs. Forward Current
260
or below (molten solder temperature)
1.Recommended soldering conditions (Dip soldering)
Less than 10 seconds.
Temperature
(1) Dip soldering
Time
* NOTES ON HANDLING
Fig. 11 Collector-emitter Saturation
°C



Html Pages

1 2 3 4 5 6 7 8