| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF5001 bảng dữ liệu(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5001 bảng dữ liệu(HTML) 20 Page - NXP Semiconductors |
|
20 / 44 page ![]() 1997 Mar 04 20 Philips Semiconductors Product specification POCSAG Paging Decoder PCF5001 7.14 Call Data output on LED When enabled by programming of SPF17 = 1, message data will appear on the LED output OL. The data format and timing are equal to the signal on DO, except that the start/stop conditions are replaced with start/stop bits (respectively 1 and 0). The data format is shown in Fig.16. No alert signals will appear on OL during message data transfer. Consecutive message words have a minimum separation of 1 start bit and 1 stop bit. Fig.16 Call data transfer on the LED output. MEA255 - 1 1st message word address word OL START OF TRANSFER A0 A1 A2 A3 A4 A5 A6 A7 message word N message word N–1 MESSAGE TRANSFER Mn0 Mn1 Mn2 Mn3 Mn4 Mn5 Mn6 Mn7 termination word last message word END OF TRANSFER T0 T1 T2 T3 T4 T5 T6 T7 message word N 1 OL OL |