| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STR730-SK bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR730-SK bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 4 page ![]() STR91X-SK/IAR, STR7xx-SK/IAR 3/4 visualSTATE Additional support files ■ Sample projects for STR7 and STR9 peripherals, including ADC, CAN, I2C, SPI, UART, USB, Ethernet and more... ■ Standard libraries for STR71xF, STR73xF, STR75xF, STR91xF, USB library for STR711F and Ethernet library for STR912F ■ Quick start guide and tutorial Note: ARM®, ARM7TDMITM, ARM966ETM and Embedded Trace MacrocellTM are registered trademarks of ARM Limited in the EU and other countries. Ordering information IAR KickStart kits can be ordered from IAR or from your nearest ST Distributor or sales office. Kits are currently available for the STR711F (ST order code: STR711-SK/IAR), STR712F (ST order code: STR712-SK/IAR), STR73xF (ST order code: STR730-SK/IAR), STR731F (ST order code: STR731-SK/IAR), STR75xF (ST order code: STR750-SK/IAR) and STR91xF (ST order code: STR91X-SK/IAR) microcontrollers. For more information and complete documentation, please refer to www.iar.com or the STMicroelectronics microcontroller support site, www.st.com/mcu. Revision history ■ Powerful code generator creates C/C++ that is absolutely consistent with the system design ■ Advanced verification and validation tools ■ 20-state version included ■ Automatic generation of design documentation Date Revision Changes 01-Apr-2005 1 Initial release. 27-Sep-2005 2 Added the STR730-SK/IAR and table of key features 7-Jun-2006 3 Added the STR91X-SK/IAR and the STR731-SK/IAR and key features 4-Oct-2006 4 Added the STR750-SK/IAR and key features |