công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMD-762 bảng dữ liệu(PDF) 49 Page - Advanced Micro Devices

tên linh kiện AMD-762
Giải thích chi tiết về linh kiện  System Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-762 bảng dữ liệu(HTML) 49 Page - Advanced Micro Devices

Back Button AMD-762 Datasheet HTML 45Page - Advanced Micro Devices AMD-762 Datasheet HTML 46Page - Advanced Micro Devices AMD-762 Datasheet HTML 47Page - Advanced Micro Devices AMD-762 Datasheet HTML 48Page - Advanced Micro Devices AMD-762 Datasheet HTML 49Page - Advanced Micro Devices AMD-762 Datasheet HTML 50Page - Advanced Micro Devices AMD-762 Datasheet HTML 51Page - Advanced Micro Devices AMD-762 Datasheet HTML 52Page - Advanced Micro Devices AMD-762 Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
Chapter 3
Test
37
24416C—December 2001
AMD-762™ System Controller Data Sheet
Preliminary Information
n
AGP/APC NAND tree
This tree includes AGPCLK, AGP, and the PCI-type signals
that are included in the AGP interface. The output of this
tree is the GNT[1]# pin. The ordering for this NAND tree is
shown in Table 3 on page 41.
n
DDR DRAM NAND tree
This tree includes all signals in the DDR interface. The out-
put of this tree is the GNT[3]# pin. The ordering for this
NAND tree is shown in Table 4 on page 42.
n
PCI NAND tree
This tree includes PCICLK and PCI bus signals, excluding
the RESET# input. The output of this tree is the GNT[2]#
pin. The ordering for this NAND tree is shown in Table 5 on
page 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More